PART |
Description |
Maker |
MBR0530T1 MBR0530T3 MBR0530LT1 ON0406 06F9814 MBR0 |
From old datasheet system SURFACE MOUNT SCHOTTKY POWER RECTIFIER MOSFET N-CH 500V 5A D2-PAK (MBR0530T1 / MBR0530T3) SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 30 VOLTS DIODE SCHOTTKY 0.5A
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] Motorola, Inc.
|
MBRS230LT305 MBRS230LT3G |
2A 30V Low Vf Schottky Rectifier; Package: SMB; No of Pins: 2; Container: Tape and Reel; Qty per Container: 2500 2 A, 30 V, SILICON, RECTIFIER DIODE Surface Mount Schottky Power Rectifier
|
ON Semiconductor
|
JANS6761UR-1 1N5819UR 5819UR-1 6761UR-1 CDLL1A100 |
1A schottky barrier rectifier, 45V 1 AMP SCHOTTKY BARRIER RECTIFIERS 1 A, SILICON, SIGNAL DIODE, DO-213AB Quad Wide-Bandwidth High-Output-Drive Op Amp 20-HTSSOP 0 to 70 Schottky Rectifier
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
CMS03 |
Schottky Barrier Rectifier Trench Schottky Barrier Type Switching Mode Power Supply Applications Portable Equipment Battery Applications TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
|
TOSHIBA[Toshiba Semiconductor]
|
U1FWJ44L |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
OM4201ST OM4201SR |
HERMETIC TO-257AA DUAL POWER SCHOTTKY RECTIFIER 20A 45V Hi-Rel Schottky Common Cathode Diode in a D2 package 16 Amp, 45 Volt Rating Center-Tap Rectifier
|
ETC[ETC] List of Unclassifed Manufacturers
|
WP05R WP05R24D05 WP05R24D12 WP05R24D15 WP05R24S03 |
5 Watt Regulated Small Package DC/DC Converter 5 WATT UNREGULATED SMALL PACKAGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 1A 20V 22A-Ifsm 0.36Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 33A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 20V 40A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 75A-Ifsm 0.45Vf 0.2A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 60V 50A-Ifsm 0.5Vf 0.1A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
40L15CT-1 40L15CTS 40L15CT 40L15CTSTRL 40L15CTSTRR |
SCHOTTKY RECTIFIER 15V 40A Schottky Common Cathode Diode in a D2-Pak package 15V 40A Schottky Common Cathode Diode in a TO-262 package SCHOTTKY RECTIFIER 2 x 20 Amps SCHOTTKY RECTIFIER 肖特基整流器
|
IRF[International Rectifier] International Rectifier, Corp.
|
DSSK48-0025B |
Power Schottky Rectifier with common cathode 25 A, 25 V, SILICON, RECTIFIER DIODE, TO-220AB PLASTIC PACKAGE-3 Silicon Schottky Diodes
|
IXYS Corporation IXYS, Corp.
|
SD1060CT SD10100CT SD1080CT SD1020CT SD1030CT SD10 |
(SD1020CT - SD10100CT) SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
|
PanJit International Inc. PANJIT[Pan Jit International Inc.]
|
DSSK50-01A |
Power Schottky Rectifier with common cathode 25 A, 100 V, SILICON, RECTIFIER DIODE, TO-247AD Silicon Schottky Diodes
|
IXYS, Corp. IXYS Corporation
|